PART |
Description |
Maker |
TIP105 |
PNP (HIGH DC CURRENT GAIN MIN
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
BC847PN Q62702-C2374 BC847PNQ62702C2374 Q62702-C15 |
PNP Silicon AF Transistors (For general AF applications High collector current High current gain) TRANSISTOR SOT363 NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
C62702-C941 C62702-C942 C62702-C943 |
PNP Silicon Darlington Transistors (High current gain High collector current)
|
SIEMENS AG Siemens Semiconductor Group
|
SMCJ6.0C SMCJ58CA SMCJ26CA SMCJ75CA SMCJ60C SMCJ16 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS GT 7C 7#12 SKT RECP WALL Bipolar Transistor; Transistor Polarity:N Channel; Power Dissipation:0.55W; C-E Breakdown Voltage:32V; DC Current Gain Min (hfe):60; Collector Current:1A; DC Current Gain Max (hfe):175; Power (Ptot):550mW
|
Bytes
|
BC808-16W BC808-25W BC808-40W BC807-16W Q62702-C23 |
SH-Tiny Series, 7125 Group, Two ADC circuits, 6-ch 16-bit MTU2, Port Output Enable, 2-ch CMT, UBC, 15 mA IO -; Vcc= 4.5 to 5.5 volts, Temp= -20 to 85 C; Package: PVQN0052LE-A PNP Silicon AF Transistor (For general AF applications High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BCX71K Q62702-C1654 Q62702-C1890 Q62702-C1586 BCX7 |
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
SMBT3906S |
General Purpose Transistors - PNP Silicon Switching Transistor Array with high current gain
|
INFINEON[Infineon Technologies AG]
|
SMBT3904UPN |
General Purpose Transistors - NPN/PNP Silicon Switching Transistor Array with high current gain
|
INFINEON[Infineon Technologies AG]
|
2N3866 |
High Gain Bandwidth Product fT= 500 MHz (Min.)
|
Inchange Semiconductor ...
|
SFH6319 SFH6318 |
From old datasheet system LOW CURRENT HIGH GAIN OPTOCOUPLER LOW CURRENT, HIGH GAIN OPTOCOUPLER LOW CURRENT / HIGH GAIN OPTOCOUPLER
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
SMBT3906 SMBT3906E6327 |
Switching Transistors - PNP Silicon Switching Transistor Array with high current gain PNP Silicon Switching Transistor Arra...
|
Infineon
|
FOD270LTV FOD073L FOD073LR2 FOD073LR2V FOD073LV FO |
LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS 8-Pin SOIC Single-Channel Low Current High Gain Split Darlington Output Optocoupler 8-Pin SOIC Dual-Channel Low Current High Gain Split Darlington Output Optocoupler 8-Pin DIP Single-Channel Low Input Current High Gain Split Darlington Output Optocoupler LVTTL/LVCMOS compatible low input current high gain split darlington optocoupler.
|
Fairchild Semiconductor Corporation
|